Part Number Hot Search : 
B32926 LM4040 V300C24 0441106 4024N STA330 ISL8130 TOTX178
Product Description
Full Text Search
 

To Download 2SC1417 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC1417 rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-92 ?? npn ?? silicon npn transistor in a to-92 plastic package. ??? high frequency. ??? high frequency amplifier. pin1 base pin 2 collector pin 3 emitter ?? / hfe classifications & marking / descriptions / features ? / applications ? / equivalent circuit / pinning h fe classifications symbol e f g h i h fe range 40~59 54~80 72~108 97~146 132~200 1 2 3
2SC1417 rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo 20 v collector to emitter voltage v ceo 15 v emitter to base voltage v ebo 3.0 v collector current - continuous i c 30 ma collector power dissipation p c 100 mw junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to base breakdown v oltage v cbo i c =10 a i e =0 20 v collector to emitter breakdown v oltage v ceo i c =1.0ma i b =0 15 v emitter to base breakdown v oltage v ebo i e =10 a i c =0 3.0 v collector cut-off current i cbo v cb =10v i e =0 1.0 a dc current gain h fe v ce =6.0v i c =1.0ma 40 200 collector to emitter saturation v oltage v ce(sat) i c =10ma i b =1.0ma 0.6 0.7 v base to emitter voltage v be v ce =6.0v i c =1.0ma 0.7 0.85 v transition frequency f t v ce =6.0v i c =1.0ma 300 mhz collector output capacitance c ob v cb =10v i e =0 f=1.0mhz 1.4 pf power gain g pe v ce =6.0v i c =1.0ma r l =55 r g =100 f=100mhz 7.0 db ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
2SC1417 rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
2SC1417 rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
2SC1417 rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br:    ?? c1417  ??? e:?h fe ? ****  ???? note: br: company code. c1417: product type. e:    h fe classifications symbol ****: lot no. code,code change with lot no. br **** c1417 e
2SC1417 rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-92 1,000 10 10,000 5 50,000 135190 237172102 560245195 1,000 10 10,000 10 100,000 135190 237172102 560245375 ? / ammo package type ?? units ? dimension ?? (unit mm3) units/tape ? / ? tape/inner box ? / rows/inner box ? / inner boxes/outer box / units/outer box ? / inner box outer box to-92 3,000 1 120 10 30,000 32823042 480346235 547407268 ?? / notices


▲Up To Search▲   

 
Price & Availability of 2SC1417

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X